PART |
Description |
Maker |
ACTS373D ACTS373DMSR ACTS373HMSR ACTS373K ACTS373K |
Radiation Hardened Octal Transparent Latch/ Three-State From old datasheet system Radiation Hardened Octal Transparent Latch Three-State Radiation Hardened Octal Transparent Latch, Three-State Latch, Transparent, Octal, Tri-State, TTL Inputs, Rad-Hard, Advanced Logic, CMOS
|
INTERSIL[Intersil Corporation]
|
HS-RTX2010 HS-RTX2010RH HS8-RTX2010RH HS9-RTX2010R |
Radiation Hardened Real Time Express??Microcontroller Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, CQFP84 Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, UUC84 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened Real Time Express Microcontroller
|
Advanced Analogic Technologies, Inc. Intersil, Corp. Intersil Corporation
|
HS-6664RH |
Radiation Hardened 8K x 8 CMOS PROM
|
INTERSIL[Intersil Corporation]
|
HS1-6617RH-T HS9-6617RH-T 5962R9570801TJC |
Radiation Hardened 2K x 8 CMOS PROM
|
Intersil Corporation
|
5962R9570801VXC 5962R9570801QJC 5962R9570801QXC HS |
Radiation Hardened 2K x 8 CMOS PROM
|
Intersil Corporation
|
HS-6664RH HS9-6664RH-Q HS1-6664RH-Q HS9-6664RH-8 H |
Radiation Hardened 8kx8 CMOS PROM
|
Intersil Corporation
|
ACTS630D ACTS630HMSR ACTS630K ACTS630MS 5962F96721 |
Radiation Hardened Octal Three-State Transparent Latch Dual J-K Negative-Edge-Triggered Flip-Flop With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened EDAC (Error Detection and Correction) ACT SERIES, 16-BIT ERROR DETECT AND CORRECT CKT, UUC28
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HS-83C55RH |
Radiation Hardened 16K Bit CMOS ROM
|
INTERSIL[Intersil Corporation]
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FSPYE234D1 FSPYE234F4 FN4873 FSPYE234R4 FSPYE234F |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 9 A, 250 V, 0.215 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962R9581303TEC 5962R9581303TYC HS1-390RH-T HS-390 |
Radiation Hardened CMOS Dual SPDT Analog Switch
|
Intersil Corporation
|